Part Number Hot Search : 
TECHNO AK55GB40 AK55GB40 2N5407 IRF40B AMT8100 50005 D1113
Product Description
Full Text Search
 

To Download KMOC3021L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9p41001 .2 - 1 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? description the kmoc3021 kmoc3022 kmoc3023 series are optically isolated triac driver devices. these series contain a gaas infrared emitting diode and a light activated silicon bilateral switch, which functions like a triac . they are designed for interfaci ng between electronic controls and power triac s to control resistive and inductive loads for 115 vac operations. ? schematic 1 2 3 6 4 1. anode 2. cathode 3. nc 4. main terminal 6. main terminal ? features 1. pb free and rohs compliant 2. 400v peak blocking voltage 3. simplifies logic control of 115 vac power 4. non zero voltage crossing 5. isolation voltage between input and output (viso 5300vms) 6. msl class 1 7. agency approvals ? ul approved ( no. e169586 ): ul1577 ? c - ul approved ( no. e169586 ) ? vde approved (no. 101347): din en60747 - 5 - 5 ? fimko approved: en60065 , en60950 ? semko approved: en60065 ? cqc approved: gb8898 - 2011, gb4943.1 - 2011 ? application s ? solenoid/valve c ontrols ? lighting c ontrols ? static power s witches ? ac motor d rives ? temperature c ontrols ? e.m c ontactors ? ac motor c ontactors ? solid s tate r elay ? programmable controllers
cosmo electronics corp. document no. 6 9p41001 .2 - 2 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? outside dimension unit mm 6.50 7.62 0.25 o 13.00 2.54 o 13.00 7.30 3.50 1.20 5.08 3.00 0.40 2.70 0.50 0 ~ 10 0.2 0.25 7.30 5.08 1.20 3.50 2.54 6 .5 0 0 .2 5 7 .3 0 3 .5 0 3 .0 0 0 .3 0 1.2 0 0 .5 0 2 .5 4 2 .7 0 5 .0 8 7 .6 2 10 .16 0 .5 0 7.30 0.25 10.000.4 1.00 6.50 7.62 0 ~ 10 0.100.1 1.20 2.54 3.50 2.54 kmoc3023 kmoc3023s kmoc3023l kmoc3023h tolerance 0.2mm 1. dual-in-line type. 2. surface mount type. 4. long creepage distance for surface mount type. 3. long creepage distance type. ? device marking cosmo 3023 yww notes cosmo 3021 3022 3023 yww y year code / w week code
cosmo electronics corp. document no. 6 9p41001 .2 - 3 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? absolute maximum ratings (ta=25 ) parameter symbol rating unit input forw ard current i f 50 ma peak forward current i f p 1 a reverse voltage v r 6 v power dissipation p d 70 mw output off - state output t erminal voltage v drm 4 0 0 v peak on - state r.m.s. c urrent i t(rms) 100 ma peak r epetitive surge c urrent (pw=10ms.dc 10%) i ts m 1 a power dissipation p d 300 mw total power dissipation p tot 330 mw isolation voltage 1 minute v iso 5 3 00 vrms operating temperature t opr - 40 to + 115 storage temperature t stg - 50 to +125 soldering temperature 10 second s t sol 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions m in . t yp . m ax . unit input forward voltage v f i f =10ma - 1.2 1.4 v reverse current i r v r =4v - - 10 a output peak b locking c urrent i drm v drm r a ted - - 1 00 na o n - s tate v oltage v tm i tm =100ma - 1. 6 3 v tran s fer charac - teristics holding c urrent i h - 0.1 - ma critical rate of rise of off - state vol tage d v /dt v drm =(1/ 2 )*rated 10 00 - - v/ s isolation resistance r iso dc500v 5x10 10 10 11 - minimum trigger current i ft main t erminal v oltage=3v kmoc3021 - - 15 ma kmoc3022 - - 10 ma kmoc3023 - - 5 ma turn - on time t on v d =6v,r l =100,i f =20ma - - 100 s ? static dv/dt test circuit r=10k x100 scope probe d.u.t ctest vdc rtest mercury wetted relay pulse input applied voltage waveform 0 volts vmax dv/dt = 0.63 vmax rc rc 0.63 vmax
cosmo electronics corp. document no. 6 9p41001 .2 - 4 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler fig.1 forward c urrent fig.2 diode power dissipation vs. ambient t emperature vs . ambient t emperature forward current i f ( ma ) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 2 0 3 0 4 0 5 0 6 0 diode power dissipation p d (mw) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 2 0 4 0 6 0 8 0 1 0 0 1 2 0 7 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.3 on - s tate r.m.s. c urrent fig.4 total power dissipation vs. ambient t emperature vs. ambient temperature on - state current i tm ( ma ) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 2 0 4 0 6 0 8 0 1 0 0 1 2 0 total power dissipation p d (mw) 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 0 2 0 0 3 0 0 4 0 0 5 0 0 6 0 0 3 3 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.5 peak forward current fig.6 forward current vs. duty ratio vs. forward voltage peak forward current i ft ( ma ) 10 10 100 1000 10000 1 -3 10 -2 10 -1 pulse width <= 100us ta=25c forward current i f ( ma ) 1 10 100 1000 0.5 1.0 1.5 2.0 2.5 3.0 0 5 2 50 20 500 200 ta=75c 50c 25c 0c -25c duty ratio forward voltage (v)
cosmo electronics corp. document no. 6 9p41001 .2 - 5 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler fig.7 on - s tate c haracteristics fig.8 leakage with led off vs. ambient temperature on - state current i tm ( ma ) -3 -4 0 0 -2 -1 0 1 2 3 -3 0 0 -2 0 0 -1 0 0 0 + 1 0 0 + 2 0 0 + 3 0 0 + 4 0 0 o u tp ut p u lse w id th 8 0u s if = 3 0 m a , f= 6 0 h z , t a = 25 c peak blocking current ( na ) 1 -40 -20 0 20 40 60 80 100 11 5 10 100 1000 on - state voltage (v) ambient temperature ta ( ) fig. 9 trigger current v s . ambient temperature i ft , normalized -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 0 .3 0 .4 0 .5 0 .6 0 .7 0 .8 0 .9 1 .0 1 .1 1 .2 1 .3 1 .4 1 .5 1 .6 n o rm a liz e d to t a = 2 5 c ambient temperature ta ( )
cosmo electronics corp. document no. 6 9p41001 .2 - 6 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflo w temperature ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? time(s) of reflow ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions ? t ime ( s ) of reflow ? flux 260 or below (molten so lder temperature) 10 seconds or less 120 or below (package surface temperature) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads.
cosmo electronics corp. document no. 6 9p41001 .2 - 7 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? number ing system k moc30 2 1 x ( y ) k moc3022 x (y) k moc3023 x (y) note s kmoc30 2 1 / kmoc3022 / kmoc3023 = part no. x = lead f orm option ( bla nk s h l ) y = tape and r eel option ( tl tr tld tru ) option description packing quantity s (tl) surface mount type package + tl tape & reel option 1000 u n its per reel s (tr) surface mount type package + tr tape & reel option 1000 u n its per reel l (t ld) long creepage distance for surface mount type package + tld tape & reel option 1000 u n its per reel l (tru) long creepage distance for surface mount type package + tru tape & reel option 1000 u n its per reel ? recommended pad layout for s ur face mount lead f orm 8.3 2.54 1.5 1.9 10.7 2.67 1.5 1.9 5-pin smd 5-pin l 1. surface mount type. 2. long creepage distance for surface mount type. u nit mm
cosmo electronics corp. document no. 6 9p41001 .2 - 8 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? smd carrier t ape & reel tl tr direction of feed from reel direction of feed from reel unit mm tolerance 0.2mm
cosmo electronics corp. document no. 6 9p41001 .2 - 9 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? l carrier t ape & reel 24.40 30.40 max. 1000.50 13.0 330 max. unit:mm tolerance 0.2mm tld tru 7.6 12.0 4.0 2.0 1.8 11.5 240.3 12.2 4.15 0.4 5 direction of feed from reel direction of feed from reel
cosmo electronics corp. document no. 6 9p41001 .2 - 10 - http://www.cosmo - ic.com cosmo kmoc30 2 x series 5 pin random - phase triac driver photocoupler ? application notice the content of datasheet is the guidance for product use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including quality, reliability, function... etc., cosmo reserves the right to change the specification, characteristics, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specification. it would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b . oa machine c. audio / video d. instrumentation e. electr ical a pplication f. measurement equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipment requiring higher level of quality / reliability, or malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear power control e. equipmen t used for automotive vehicles, trains, ships...etc. this publication is the property of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mechanically for any purpose, in whole or in part without a ny written permission expressed f r o m cosmo.


▲Up To Search▲   

 
Price & Availability of KMOC3021L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X